データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9252 データシート(PDF) 32 Page - Analog Devices

部品番号 AD9252
部品情報  Serial LVDS, 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9252 データシート(HTML) 32 Page - Analog Devices

Back Button AD9252_17 Datasheet HTML 28Page - Analog Devices AD9252_17 Datasheet HTML 29Page - Analog Devices AD9252_17 Datasheet HTML 30Page - Analog Devices AD9252_17 Datasheet HTML 31Page - Analog Devices AD9252_17 Datasheet HTML 32Page - Analog Devices AD9252_17 Datasheet HTML 33Page - Analog Devices AD9252_17 Datasheet HTML 34Page - Analog Devices AD9252_17 Datasheet HTML 35Page - Analog Devices AD9252_17 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Data Sheet
AD9252
Rev. E | Page 31 of 52
Addr.
(Hex)
Parameter Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Notes/
Comments
14
output_mode
X
0 = LVDS
ANSI-644
(default)
1 = LVDS
low power,
(IEEE1596.3
similar)
X
X
X
Output
invert
1 = on
0 = off
(default)
00 = offset binary
(default)
01 = twos complement
0x00
Configures the
outputs and the
format of the data.
15
output_adjust
X
X
Output driver
termination
00 = none (default)
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
X
X
X
DCO and
FCO
2× drive
strength
1 = on
0 = off
(default)
0x00
Determines
LVDS or other
output properties.
Primarily func-
tions to set the
LVDS span and
common-mode
levels in place of
an external
resistor.
16
output_phase
X
X
X
X
0011 = output clock phase adjust
(0000 through 1010)
0000 = 0° relative to data edge
0001 = 60° relative to data edge
0010 = 120° relative to data edge
0011 = 180° relative to data edge (default)
0101 = 300° relative to data edge
0110 = 360° relative to data edge
1000 = 480° relative to data edge
1001 = 540° relative to data edge
1010 = 600° relative to data edge
1011 to 1111 = 660° relative to data edge
0x03
On devices that
utilize global
clock divide,
this register
determines
which phase
of the divider
output is used
to supply the
output clock.
Internal latching
is unaffected.
19
user_patt1_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB.
1A
user_patt1_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB.
1B
user_patt2_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB.
1C
user_patt2_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB.
21
serial_control
LSB first
1 = on
0 = off
(default)
X
X
X
<10
MSPS,
low
encode
rate
mode
1 = on
0 = off
(default)
000 = 14 bits (default, normal bit
stream)
001 = 8 bits
010 = 10 bits
011 = 12 bits
100 = 14 bits
0x00
Serial stream
control. Default
causes MSB first
and the native
bit stream
(global).
22
serial_ch_stat
X
X
X
X
X
X
Channel
output
reset
1 = on
0 = off
(default)
Channel
power-
down
1 = on
0 = off
(default)
0x00
Used to power
down individual
sections of a
converter (local).
1
X = an undefined feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com