データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9252 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9252
部品情報  Serial LVDS, 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9252 データシート(HTML) 4 Page - Analog Devices

  AD9252_17 Datasheet HTML 1Page - Analog Devices AD9252_17 Datasheet HTML 2Page - Analog Devices AD9252_17 Datasheet HTML 3Page - Analog Devices AD9252_17 Datasheet HTML 4Page - Analog Devices AD9252_17 Datasheet HTML 5Page - Analog Devices AD9252_17 Datasheet HTML 6Page - Analog Devices AD9252_17 Datasheet HTML 7Page - Analog Devices AD9252_17 Datasheet HTML 8Page - Analog Devices AD9252_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Data Sheet
AD9252
Rev. E | Page 3 of 52
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
AD9252-50
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±1
±8
mV
Offset Matching
Full
±3
±8
mV
Gain Error
Full
±1.5
±2.5
% FS
Gain Matching
Full
±0.3
±0.7
% FS
Differential Nonlinearity (DNL)
Full
±0.4
±1
LSB
Integral Nonlinearity (INL)
Full
±1.5
±4
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
Gain Error
Full
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±2
±30
mV
Load Regulation @ 1.0 mA (VREF = 1 V)
Full
3
mV
Input Resistance
Full
6
kΩ
ANALOG INPUTS
Differential Input Voltage Range (VREF = 1 V)
Full
2
V p-p
Common-Mode Voltage
Full
AVDD/2
V
Differential Input Capacitance
Full
7
pF
Analog Bandwidth, Full Power
Full
325
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
IAVDD
Full
360
373.4
mA
IDRVDD
Full
55.5
58
mA
Total Power Dissipation (Including Output Drivers)
Full
748
773
mW
Power-Down Dissipation
Full
2
11
mW
Standby Dissipation2
Full
89
mW
CROSSTALK
AIN = −0.5 dBFS
Full
−90
dB
Overrange3
Full
−90
dB
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
Can be controlled via the SPI.
3
Overrange condition is specific with 6 dB of the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com