| データシートサーチシステム |
|
CS62180 データシート(PDF) 2 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS62180 データシート(HTML) 2 Page - Cirrus Logic |
|
2 / 50 page ![]() ABSOLUTE MAXIMUM RATINGS Parameter Symbol Min Typ Max Units DC Supply (Referenced to GND) VDD -- 6.0 V Input voltage, any pin (Referenced to GND) VIN -1.0 - +7 V Input Current, any pin (Note 1) IIN -10 - +10 mA Ambient Operating Temperature TA -40 - 85 °C Storage Temperature TSTG -65 - 150 °C Soldering Temperature for 10 s. - - - 260 °C Notes: 1. Transient current of up to 100 mA will not cause SCR latch-up. WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. RECOMMENDED OPERATING CONDITIONS Parameter Symbol Min Typ Max Units DC Voltage VDD 4.5 5.0 5.5 V Supply Current (Notes 2 and 3) IDD -3 10 mA Ambient Operating Temperature TA -40 25 85 °C Power Consumption (Notes 2 and 3) PC -15 85 mW Notes: 2. TCLK = RCLK = 1.544 MHz. If RCLK is static and RST is high, IDD will typically be 1.0 mA. 3. Outputs open. DIGITAL CHARACTERISTICS (TA = -40 to 85 °C; VDD = 5.0 V ±10%; GND = 0 V) Parameter Symbol Min Typ Max Units High-Level Input Voltage (Note 4) VIH 2.0 - VDD +0.3 V Low-Level Input Voltage HIL -0.3 - +0.8 V High-level Output Voltage (Note 5) VOH VDD - 1.0 - - V Low-Level Output Voltage (IOUT = 1.6 mA) VOL -- 0.4 V Output Current @ 2.4 V (Note 6) IOH - - -1 mA Output Current @ 0.4 V (Note 7) IOL +4 - - mA Input Leakage Current IIL -- 1 µA Output Leakage Current (Note 8) ILO -- 1 µA Input Capacitance CIN -- 5 pF Output Capacitance COUT -- 7 pF Notes: 4. VIH (min) = 2.2 V for VDD = 5.25 to 5.5 V and TA > 70 °C. 5. IOUT = -100 µA. This guarantees the ability to drive one TTL load (VOH = 2.4 V @ IOUT = -40 µA). 6. All outputs except INT, which is open drain. 7. All outputs. 8. Applies to SDO when tristated. CS62180B 2 DS225PP2 |