データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L005E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GPR25L005E Datasheet

  • # Example questions: ➢ What spi modes are supported by the gpr25l005e, and how do cpol and cpha define these modes?
    ➢ What are the conditions under which the write enable latch (wel) bit is reset?
    ➢ Describe the function of the status register write disable (srwd) bit and how it interacts with the write protection (wp#) pin to enable hardware protection mode.

  • Part No.GPR25L005E
    ManufacturerGENERALPLUS
    Size855 Kbytes
    Pages38 pages
    Description512K-Bit [x 1/x 2] CMOS Serial Flash
    Datasheet Summary with AI

    1. General Overview & Key Features

    ️· Device Type: SPI Flash Memory
    ️· Functionality: Stores data non-volatility.
    ️· Operation: Uses SPI (Serial Peripheral Interface) protocol. Supports various SPI modes (CPOL/CPHA combinations).
    ️· Key Commands: Supports write, read, erase, and status register operations.
    ️· Protection: Offers software (Block Protect bits) and hardware (SRWD & WP#) protection mechanisms to prevent unauthorized data modification.

    2. Memory Organization

    ️· Capacity: 512 Kb (512,000 bytes)
    ️· Sector Size: 64KB
    ️· Organization: Divided into 8 sectors, each with a size of 64KB. Addresses range from 000000h to 00FFFFh.

    3. Command Set & Operation

    ️· Write Enable (WREN): Enables writing to the memory.
    ️· Write Disable (WRDI): Disables writing to the memory.
    ️· Read Identification (RDID): Returns manufacturer and device ID.
    ️· Read Status Register (RDSR): Returns status information (WIP, WEL, BP1/BP0, SRWD).
    ️· Write Status Register (WRSR): Modifies status register bits (e.g., BP1/BP0) – requires WEL to be set.
    ️· Page Program (PP): Writes data to a specific page.
    ️· Sector Erase (SE): Erases a single sector.
    ️· Block Erase (BE): Erases the entire memory.
    ️· Chip Erase (CE): Erases the entire memory.
    ️· Deep Power Down (DP): Enters a low-power mode.
    ️· Release Deep Power Down (RDP): Returns from deep power down mode.

    4. Status Register Bits

    ️· WIP (Write In Progress): Indicates if a write/erase operation is in progress.
    ️· WEL (Write Enable Latch): Indicates if the device is in write enable mode.
    ️· BP1/BP0 (Block Protect): Define protected memory areas. Affects which erase/program operations are allowed.
    ️· SRWD (Status Register Write Disable): Works with WP# for hardware protection. When set, status register cannot be written to.
    ️· Protection: Offers software (Block Protect bits) and hardware (SRWD & WP#) protection mechanisms to prevent unauthorized data modification.

    5. Protection Mechanisms

    ️· Software Protection (Block Protect): BP1/BP0 bits limit the allowed erase/program operations.
    ️· Hardware Protection: Requires SRWD bit to be set *and* WP# pin to be low. Prevents writing to the status register and block protect bits.

    6. Operational Sequence

    1. Initialization: Check Status Register (RDSR)
    2. Enable Writing: Issue WREN
    3. Perform Write/Erase: Issue appropriate command (PP, SE, BE, CE).
    4. Monitor Progress: Check WIP bit in Status Register.
    5. Disable Writing (Optional): Issue WRDI
    6. Read Data: Use READ command.

    IMPORTANT DISCLAIMERS:

    ️· This is a summary only: It doesn't cover every detail. Always refer to the full datasheet for complete and accurate information.
    ️· Electrical Characteristics: This summary does not include timing diagrams, voltage levels, or other electrical specifications. These are *critical* for proper device operation and are found in the datasheet.
    ️· Pinout: The datasheet provides the specific pin assignments of the device.
    ️· Device Limitations: There are limitations on programming cycles, operating temperatures, and other factors. These must be observed for reliable operation.
    ️· Error Handling: The documentation doesn't provide detailed error handling procedures.
    ️· Device operation can be complex. This summary provides a broad understanding. Thorough research and understanding of SPI communication protocols are necessary for successful implementation.

    1. General Overview & Key Features

    ️· Device Type: SPI Flash Memory
    ️· Functionality: Stores data non-volatility.
    ️· Operation: Uses SPI (Serial Peripheral Interface) protocol. Supports various SPI modes (CPOL/CPHA combinations).
    ️· Key Commands: Supports write, read, erase, and status register operations.
    ️· Protection: Offers software (Block Protect bits) and hardware (SRWD & WP#) protection mechanisms to prevent unauthorized data modification.

    2. Memory Organization

    ️· Capacity: 512 Kb (512,000 bytes)
    ️· Sector Size: 64KB
    ️· Organization: Divided into 8 sectors, each with a size of 64KB. Addresses range from 000000h to 00FFFFh.

    3. Command Set & Operation

    ️· Write Enable (WREN): Enables writing to the memory.
    ️· Write Disable (WRDI): Disables writing to the memory.
    ️· Read Identification (RDID): Returns manufacturer and device ID.
    ️· Read Status Register (RDSR): Returns status information (WIP, WEL, BP1/BP0, SRWD).
    ️· Write Status Register (WRSR): Modifies status register bits (e.g., BP1/BP0) – requires WEL to be set.
    ️· Page Program (PP): Writes data to a specific page.
    ️· Sector Erase (SE): Erases a single sector.
    ️· Block Erase (BE): Erases the entire memory.
    ️· Chip Erase (CE): Erases the entire memory.
    ️· Deep Power Down (DP): Enters a low-power mode.
    ️· Release Deep Power Down (RDP): Returns from deep power down mode.

    4. Status Register Bits

    ️· WIP (Write In Progress): Indicates if a write/erase operation is in progress.
    ️· WEL (Write Enable Latch): Indicates if the device is in write enable mode.
    ️· BP1/BP0 (Block Protect): Define protected memory areas. Affects which erase/program operations are allowed.
    ️· SRWD (Status Register Write Disable): Works with WP# for hardware protection. When set, status register cannot be written to.
    ️· Protection: Offers software (Block Protect bits) and hardware (SRWD & WP#) protection mechanisms to prevent unauthorized data modification.

    5. Protection Mechanisms

    ️· Software Protection (Block Protect): BP1/BP0 bits limit the allowed erase/program operations.
    ️· Hardware Protection: Requires SRWD bit to be set *and* WP# pin to be low. Prevents writing to the status register and block protect bits.

    6. Operational Sequence

    1. Initialization: Check Status Register (RDSR)
    2. Enable Writing: Issue WREN
    3. Perform Write/Erase: Issue appropriate command (PP, SE, BE, CE).
    4. Monitor Progress: Check WIP bit in Status Register.
    5. Disable Writing (Optional): Issue WRDI
    6. Read Data: Use READ command.

    IMPORTANT DISCLAIMERS:

    ️· This is a summary only: It doesn't cover every detail. Always refer to the full datasheet for complete and accurate information.
    ️· Electrical Characteristics: This summary does not include timing diagrams, voltage levels, or other electrical specifications. These are *critical* for proper device operation and are found in the datasheet.
    ️· Pinout: The datasheet provides the specific pin assignments of the device.
    ️· Device Limitations: There are limitations on programming cycles, operating temperatures, and other factors. These must be observed for reliable operation.
    ️· Error Handling: The documentation doesn't provide detailed error handling procedures.
    ️· Device operation can be complex. This summary provides a broad understanding. Thorough research and understanding of SPI communication protocols are necessary for successful implementation.

    Part No.GPR25L005E
    ManufacturerGENERALPLUS
    Size855 Kbytes
    Pages38 pages
    Description512K-Bit [x 1/x 2] CMOS Serial Flash