データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L005E データシート(PDF) 12 Page - Generalplus Technology Inc.

部品番号 GPR25L005E
部品情報  512K-Bit [x 1/x 2] CMOS Serial Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L005E データシート(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPR25L005E Datasheet HTML 8Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 9Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 10Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 11Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 12Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 13Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 14Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 15Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
GPR25L005E
© Generalplus Technology Inc.
Proprietary & Confidential
12
Aug. 08, 2011
Version: 1.0
9. COMMAND DESCRIPTION
9.1. Write Enable (WREN)
The Write Enable (WREN) instruction is for setting Write Enable
Latch (WEL) bit. For those instructions like PP, SE, BE, CE, and
WRSR, which are intended to change the device content, should
be set every time after the WREN instruction setting the WEL bit.
The sequence of issuing WREN instruction is: CS# goes low→
sending WREN instruction code→ CS# goes high. (see Figure 11)
9.2. Write Disable (WRDI)
The Write Disable (WRDI) instruction is for resetting Write Enable
Latch (WEL) bit.
The sequence of issuing WRDI instruction is: CS# goes low→
sending WRDI instruction code→ CS# goes high. (see Figure 12)
The WEL bit is reset by following situations:
- Power-up
- Write Disable (WRDI) instruction completion
- Write Status Register (WRSR) instruction completion
- Page Program (PP) instruction completion
- Sector Erase (SE) instruction completion
- Block Erase (BE) instruction completion
- Chip Erase (CE) instruction completion
9.3. Read Identification (RDID)
RDID instruction is for reading the manufacturer ID of 1-byte and
followed by Device ID of 2-byte. The Manufacturer ID is C2(hex),
the memory type ID is 20(hex) as the first-byte device ID, and the
individual device ID of second-byte ID is as followings: 10(hex) for
GPR25L005E.
The sequence of issuing RDID instruction is: CS# goes
low→sending RDID instruction code→24-bits ID data out on
SO→to end RDID operation can use CS# to high at any time
during data out. (see Figure. 13)
While Program/Erase operation is in progress, it will not decode
the RDID instruction, so there's no effect on the cycle of
program/erase operation which is currently in progress. When
CS# goes high, the device is at standby stage.
9.4. Read Status Register (RDSR)
The RDSR instruction is for reading Status Register Bits. The
Read Status Register can be read at any time (even in
program/erase/write status register condition) and continuously.
It is recommended to check the Write in Progress (WIP) bit before
sending a new instruction when a program, erase, or write status
register operation is in progress.
The sequence of issuing RDSR instruction is: CS# goes
low→sending RDSR instruction code→Status Register data out
on SO (see Figure. 14)
The definition of the status register bits is as below:
WIP bit.
The Write in Progress (WIP) bit, a volatile bit, indicates
whether the device is busy in program/erase/write status register
progress. When WIP bit sets to 1, which means the device is
busy in program/erase/write status register progress. When WIP
bit sets to 0, which means the device is not in progress of
program/erase/write status register cycle.
WEL bit.
The Write Enable Latch (WEL) bit, a volatile bit,
indicates whether the device is set to internal write enable latch.
When WEL bit sets to 1, which means the internal write enable
latch is set, the device can accept program/erase/write status
register instruction. When WEL bit sets to 0, which means no
internal write enable latch; the device will not accept
program/erase/write status register instruction.
BP1, BP0 bits.
The Block Protect (BP1, BP0) bits, non-volatile
bits, indicate the protected area(as defined in table 1) of the
device to against the program/erase instruction without hardware
protection mode being set. To write the Block Protect (BP1, BP0)
bits requires the Write Status Register (WRSR) instruction to be
executed. Those bits define the protected area of the memory to
against Page Program (PP), Sector Erase (SE), Block Erase (BE)
and Chip Erase(CE) instructions (only if all Block Protect bits set
to 0, the CE instruction can be executed)
SRWD bit.
The Status Register Write Disable (SRWD) bit,
non-volatile bit, is operated together with Write Protection (WP#)
pin for providing hardware protection mode. The hardware
protection mode requires SRWD sets to 1 and WP# pin signal is
low stage. In the hardware protection mode, the Write Status
Register (WRSR) instruction is no longer accepted for execution
and the SRWD bit and Block Protect bits (BP1, BP0) are read
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com