データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L005E データシート(PDF) 16 Page - Generalplus Technology Inc.

部品番号 GPR25L005E
部品情報  512K-Bit [x 1/x 2] CMOS Serial Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L005E データシート(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPR25L005E Datasheet HTML 12Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 13Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 14Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 15Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 16Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 17Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 18Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 19Page - Generalplus Technology Inc. GPR25L005E Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
GPR25L005E
© Generalplus Technology Inc.
Proprietary & Confidential
16
Aug. 08, 2011
Version: 1.0
device transition to standby mode is immediate. If the device
was previously in Deep Power-down mode, there's a delay of
tRES2 to transit to standby mode, and CS# must remain to high at
least tRES2(max). Once in the standby mode, the device waits
to be selected, so it can be received, be decoded, and be
executed instruction.
The RDP instruction is for releasing from Deep Power Down
Mode.
9.15. Read Electronic Manufacturer ID & Device ID
(REMS)
The REMS instruction is an alternative to the Release from
Power-down/Device ID instruction that provides both the JEDEC
assigned manufacturer ID and the specific device ID.
The REMS instruction is very similar to the Release from
Power-down/Device ID instruction. The instruction is initiated by
driving the CS# pin low and shift the instruction code "90h"
followed by two dummy bytes and one bytes address (A7~A0).
After which, the Manufacturer ID (C2h) and the Device ID are
shifted out on the falling edge of SCLK with most significant bit
(MSB) first as shown in Figure 26. The Device ID values are
listed in Table of ID Definitions. If the one-byte address is initially
set to 01h, then the device ID will be read first and then followed
by the Manufacturer ID. The Manufacturer and Device IDs can
be read continuously, alternating from one to the other.
The
instruction is completed by driving CS# high.
Table of ID Definitions:
manufacturer ID
memory type
memory density
RDID Command
C2
20
10
electronic ID
RES Command
05
manufacturer ID
device ID
REMS Command
C2
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com