| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TSV522IST Datasheet
# Example questions:
➢ What is the typical input offset voltage drift observed after 1000 hours at 125°c, extrapolated to 25°c, assuming an activation energy of 0.7 ev for the operational amplifier in follower mode?
➢ What is the typical gain bandwidth product when the operational amplifier has a 10kω load resistance and a 100pf load capacitance?
➢ At a supply voltage of 5v and a load capacitance of 100pf, what is the typical slew rate of the operational amplifier?
Here's a summary of the key AC performance parameters from the provided text, focusing on the values given for different supply voltages (VCC):
Important Note: The values are "Typical" unless otherwise specified, so they represent expected values but aren't guaranteed limits. Also, the conditions (RL = 10kΩ, CL = 100pF) are crucial for interpreting these values.
VCC = 3.3V (Table 5)
️· Gain Bandwidth Product (GBP): 0.73 - 1.15 MHz
️· Unity Gain Frequency (Fu): 900 kHz
️· Phase Margin (Φm): 55 degrees
️· Gain Margin (Gm): 7 dB
️· Slew Rate (SR): 0.89 V/µs
VCC = 5V (Table 6)
️· Gain Bandwidth Product (GBP): 0.73 - 1.15 MHz
️· Unity Gain Frequency (Fu): 900 kHz
️· Phase Margin (Φm): 55 degrees
️· Gain Margin (Gm): 7 dB
️· Slew Rate (SR): 0.89 V/µs
Key Observations:
️· Consistency: The AC performance parameters (GBP, Fu, Phase Margin, Gain Margin, and Slew Rate) appear largely *consistent* across the different supply voltages (3.3V and 5V). This suggests that the amplifier's basic frequency response is relatively independent of the supply voltage within the tested range.
️· Typical Values: It is very important to remember that these are *typical* values, and actual performance may vary.
Important Note: The values are "Typical" unless otherwise specified, so they represent expected values but aren't guaranteed limits. Also, the conditions (RL = 10kΩ, CL = 100pF) are crucial for interpreting these values.
VCC = 3.3V (Table 5)
️· Gain Bandwidth Product (GBP): 0.73 - 1.15 MHz
️· Unity Gain Frequency (Fu): 900 kHz
️· Phase Margin (Φm): 55 degrees
️· Gain Margin (Gm): 7 dB
️· Slew Rate (SR): 0.89 V/µs
VCC = 5V (Table 6)
️· Gain Bandwidth Product (GBP): 0.73 - 1.15 MHz
️· Unity Gain Frequency (Fu): 900 kHz
️· Phase Margin (Φm): 55 degrees
️· Gain Margin (Gm): 7 dB
️· Slew Rate (SR): 0.89 V/µs
Key Observations:
️· Consistency: The AC performance parameters (GBP, Fu, Phase Margin, Gain Margin, and Slew Rate) appear largely *consistent* across the different supply voltages (3.3V and 5V). This suggests that the amplifier's basic frequency response is relatively independent of the supply voltage within the tested range.
️· Typical Values: It is very important to remember that these are *typical* values, and actual performance may vary.
| Part No. | TSV522IST |
| Manufacturer | STMICROELECTRONICS |
| Size | 749 Kbytes |
| Pages | 27 pages |
| Description | High merit factor (1.15 MHz for 45 μA) CMOS op amps |