| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM10506_14 Datasheet
# Example questions:
➢ What is the maximum electrostatic discharge (esd) voltage the lm10506 can withstand according to the human body model (hbm)?
➢ What is the primary function of the 'hl_b2' and 'hl_b3' pins as described in the 'pin descriptions' section?
➢ What is the maximum allowable storage temperature for the lm10506?
# LM10506 Triple Buck + LDO Power Management Unit
## Features
️· Three Programmable Buck Regulators (1.3A, 400mA, 600mA)
️· High Efficiency (up to 95%)
️· 2MHz Switching Frequency
️· Low RDSON Integrated FETs
️· Programmable Output Voltage via SPI
️· Low-Dropout LDO (100mA)
️· SPI-Programmable Interrupt Comparator
## Description
The LM10506 is a PMU containing three buck regulators and a LDO, ideal for Solid-State Drives and other applications requiring variable voltages. It optimizes supply voltage for low-power modes via SPI interface.
## Specifications
️· Absolute Maximum Ratings: VIN/VCOMP: -0.3V to 6V, Junction Temp: 150°C
️· Recommended Operating Conditions: VIN: 3V to 5.5V, TJ: -40°C to 125°C
## Pin Configuration
️· VIN, SW, FB (Buck 1,2,3)
️· LDO Output
️· SPI (CS, CLK, DI, DO)
️· Control (RESET, STANDBY, HL_B2, HL_B3)
️· VCOMP, IRQ
## Electrical Characteristics
️· Buck Regulators: Output Voltage Accuracy, Efficiency, Switching Frequency
️· LDO: Output Voltage, Dropout Voltage, Current Limit
️· Comparators: Input Bias Current, Output Voltage
## Package Information
️· DSBGA (34 pins) - 2.84mm x 2.84mm
️· RθJA: 44.5 °C/W
# LM10506 Triple Buck + LDO Power Management Unit
## Features
️· Three Programmable Buck Regulators (1.3A, 400mA, 600mA)
️· High Efficiency (up to 95%)
️· 2MHz Switching Frequency
️· Low RDSON Integrated FETs
️· Programmable Output Voltage via SPI
️· Low-Dropout LDO (100mA)
️· SPI-Programmable Interrupt Comparator
## Description
The LM10506 is a PMU containing three buck regulators and a LDO, ideal for Solid-State Drives and other applications requiring variable voltages. It optimizes supply voltage for low-power modes via SPI interface.
## Specifications
️· Absolute Maximum Ratings: VIN/VCOMP: -0.3V to 6V, Junction Temp: 150°C
️· Recommended Operating Conditions: VIN: 3V to 5.5V, TJ: -40°C to 125°C
## Pin Configuration
️· VIN, SW, FB (Buck 1,2,3)
️· LDO Output
️· SPI (CS, CLK, DI, DO)
️· Control (RESET, STANDBY, HL_B2, HL_B3)
️· VCOMP, IRQ
## Electrical Characteristics
️· Buck Regulators: Output Voltage Accuracy, Efficiency, Switching Frequency
️· LDO: Output Voltage, Dropout Voltage, Current Limit
️· Comparators: Input Bias Current, Output Voltage
## Package Information
️· DSBGA (34 pins) - 2.84mm x 2.84mm
️· RθJA: 44.5 °C/W
| Part No. | LM10506_14 |
| Manufacturer | TI1 |
| Size | 1Mb |
| Pages | 43 pages |
| Description | Triple Buck + LDO Power Management Unit |