データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 23 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 23 Page - Texas Instruments

Back Button LM10506_14 Datasheet HTML 19Page - Texas Instruments LM10506_14 Datasheet HTML 20Page - Texas Instruments LM10506_14 Datasheet HTML 21Page - Texas Instruments LM10506_14 Datasheet HTML 22Page - Texas Instruments LM10506_14 Datasheet HTML 23Page - Texas Instruments LM10506_14 Datasheet HTML 24Page - Texas Instruments LM10506_14 Datasheet HTML 25Page - Texas Instruments LM10506_14 Datasheet HTML 26Page - Texas Instruments LM10506_14 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
7
1
16
Read Data
Register Address
Read
Command
CS
CLK
DI
9
D7
D6
D5
D4
D3
D2
D1
D0
DO
1
0
A4
A3
A2
A1
A0
1
2
3
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Programming (continued)
A4to A0 Register address to be written
D7 to D0 Data to be written
Data Out (DO)
All Os
Figure 24. SPI Interface Read
Data In (DI)
1 to 1 Read Command
A4to A0 Register address to be read
Data Out (DO)
D7 to D0 Data Read
8.4.1.1 Registers Configurable via the SPI Interface
ADDR
REG NAME
BIT
R/W
DEFAULT
DESCRIPTION
NOTES
7
Reset default:
6
R/W
Buck 3 Voltage Code[6]
HL_B3 = 1
→ 0x64 (1.2 V)
5
R/W
Buck 3 Voltage Code[5]
HL_B3 = 0
→ 0x3C (1 V)
4
R/W
Buck 3 Voltage Code[4]
0x00
Buck 3 Voltage
See Notes
3
R/W
Buck 3 Voltage Code[3]
Range: 0.7 V to 1.335 V
2
R/W
Buck 3 Voltage Code[2]
1
R/W
Buck 3 Voltage Code[1]
0
R/W
Buck 3 Voltage Code[0]
7
Reset default:
6
0x26 (3 V)
5
R/W
Buck 1 Voltage Code[5]
4
R/W
Buck 1 Voltage Code[4]
Range: 1.1 V to 3.6 V
0x07
Buck 1 Voltage
See Notes
3
R/W
Buck 1 Voltage Code[3]
2
R/W
Buck 1 Voltage Code[2]
1
R/W
Buck 1 Voltage Code[1]
0
R/W
Buck 1 Voltage Code[0]
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com