| データシートサーチシステム |
|
L9678P データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 203 page ![]() SPI interface L9678P, L9678P-S 100/203 DocID029274 Rev 3 5.1.40 Safing records request mask registers (SAF_REQ_MASK_x) Safing record request mask for record 1 (SAF_REQ_MASK_1) Safing record request mask for record 2 (SAF_REQ_MASK_2) Safing record request mask for record 3 (SAF_REQ_MASK_3) Safing record request mask for record 4 (SAF_REQ_MASK_4) Address: 80 (SAF_REQ_MASK_1) 81 (SAF_REQ_MASK_2) 82 (SAF_REQ_MASK_3) 83 (SAF_REQ_MASK_4) Type: RW Buffer: $8000 (SAF_REQ_MASK_1) $8100 (SAF_REQ_MASK_2) $8200 (SAF_REQ_MASK_3) $8300 (SAF_REQ_MASK_4) Reset: $8000 (SAF_REQ_MASK_1) $8002 (SAF_REQ_MASK_2) $8004 (SAF_REQ_MASK_3) $8006 (SAF_REQ_MASK_4) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - SAF_REQ_MASKx[15:0] MISO 0 0 0 0 SAF_REQ_MASKx[15:0] SAF_REQ_MASKx [15:0] 0000 0000 0000 Safing Request Mask for safing record x - 16-bit request mask that is bit-wise ANDed with MOSI data from SPI monitor Updated by SSM_RESET or SPI write while in DIAG state |