| データシートサーチシステム |
|
L9678P データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 203 page ![]() Start-up power control L9678P, L9678P-S 22/203 DocID029274 Rev 3 Figure 4. Wake-up input signal behaviour Condition summary: 1. No change of sleep mode state but current consumption may exceed specification for sleep mode. 2. The sleep mode current returns within the specified limits. 3. Power supply exits sleep mode. Switchers start operating if applicable voltages exceed under voltage lockouts. As Twakeup time-out is not elapsed, a low level at WAKEUP instantaneously sends the system back to sleep. 4. Sleep Reset is released and the entire system starts operating. A SPI command to enter sleep state would be ignored. 5. No change in system status, a SPI command to enter sleep state would be ignored. 6. No change in system status, but a SPI command to turn off switchers would be accepted and turn the system off. With the below table, all the functionalities of the device are shown with respect to the power states. When one function is flagged, the related circuitry cannot be activated on that state. Table 4. Functions disabling by state Function Power Off Wake-up monitor Awake Start-up Run Power mode shutdown ER Wakeup detector X - - - - - - Internal regulator X X - - - - - ERBOOST regulator X X X - - X X VSUP regulator (L9678P-S only) X X X - - - - ER CAP charge current source X X X - - X X ER switch X X X X X - - COVRACT Output X X X X X - - VDD5 regulator X X X - - - - VDD3V3 regulator X X X - - - - Deployment drivers X X X - - - - VSF safing FET regulator X X X - - - - Remote sensor interfaces (L9678P-S only) XX X - - - - |