| データシートサーチシステム |
|
L9678P データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 203 page ![]() DocID029274 Rev 3 13/203 L9678P, L9678P-S Absolute and operative maximum ratings 202 25 BVSUP/NC VSUP external transistor control (only L9678P-S), NC(1) on L9678P -0.3 40 V 26 GPOD0 GPO driver 1 drain output pin -1.0 40 V 27 GPOS0 GPO driver 1 source output pin -1.0 40 V 28 GPOS1 GPO driver 0 source output pin -1.0 40 V 29 GPOD1 GPO driver 0 drain output pin -1.0 40 V 30 NC Not connected (1) -- - 31 ISOK ISO9141 bus pin (K-LINE) -18.0 40 V 32 GNDSUB1 Substrate ground -0.3 0.3 V 33 SR3 Squib 3 low-side pin -0.3 40 V 34 SF3 Squib 3 high-side pin -1.0 40 V 35 SS23 Squib 2 & 3 deployment supply pin -0.3 40 V 36 SG23 Squib 2 & 3 deployment ground pin -0.3 0.3 V 37 SF2 Squib 2 high-side pin -1.0 40 V 38 SR2 Squib 2 low-side pin -0.3 40 V 39 GNDA Analog ground -0.3 0.3 V 40 ISORX ISO9141 receiver pin -0.3 VDDQ+0.3 6.5 V 41 ISOTX ISO9141 transmit pin -0.3 VDDQ+0.3 6.5 V 42 FENL LS driver FET control input -0.3 VDDQ+0.3 6.5 V 43 FENH HS driver FET control input -0.3 VDDQ+0.3 6.5 V 44 SAF_CS0 SPI interface safing sensor chip select -0.3 VDDQ+0.3 6.5 V 45 SAF_CS1 SPI interface safing sensor chip select -0.3 VDDQ+0.3 6.5 V 46 NC Not connected (1) -- - 47 WAKEUP Wake-up control input -0.3 40 V 48 VBATMON Battery line voltage monitor -18 40 V 49 VSF Safing regulator supply output -0.3 ERBOOST+0.3 40 V 50 VIN Battery connection -0.3 40 V 51 VER Reserve voltage -0.3 40 V 52 ERBOOST Energy reserve regulator output -0.3 40 V 53 ERBSTSW Boost switching output -0.3 40 V 54 NC Not connected (1) -- - 55 BSTGND Boost regulator ground -0.3 0.3 V 56 ACL EOL disposal control input -0.3 40 V 57 BVDD5 VDD5 external transistor control -0.3 40 V 58 NC Not connected - - - 59 VDD5 5V regulator output -0.3 6.5 V 60 NC Not connected (1) -- - Table 2. Absolute maximum ratings (continued) Pin # Pin name Pin function Min. Max. Unit |