データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV16K データシート(PDF) 47 Page - STMicroelectronics

部品番号 ST25DV16K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K データシート(HTML) 47 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 43Page - STMicroelectronics ST25DV16K Datasheet HTML 44Page - STMicroelectronics ST25DV16K Datasheet HTML 45Page - STMicroelectronics ST25DV16K Datasheet HTML 46Page - STMicroelectronics ST25DV16K Datasheet HTML 47Page - STMicroelectronics ST25DV16K Datasheet HTML 48Page - STMicroelectronics ST25DV16K Datasheet HTML 49Page - STMicroelectronics ST25DV16K Datasheet HTML 50Page - STMicroelectronics ST25DV16K Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 220 page
background image
DocID027603 Rev 4
47/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
RF_INTERRUPT:
•
A pulse is emitted on GPO by Manage GPO command (interrupt).
•
When RF_INTERRUPT is activated, a pulse of duration IT_TIME is emitted after EOF
of ST25DV response to a Manage GPO interrupt command (see Section 7.6.30:
Manage GPO).
Figure 14. RF_INTERRUPT chronogram
FIELD_CHANGE:
•
A pulse is emitted on GPO to signal a change in RF field state.
•
When FIELD_CHANGE is activated, and when RF field appear or disappear, GPO
emits a pulse of duration IT_TIME.
•
In case of RF field disappear, the pulse is emitted only if VCC power supply is present.
•
If RF is configured in RF_SLEEP mode, field change are not reported on GPO, even if
FIELD_CHANGE event is activated, as shown in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More