データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV16K データシート(PDF) 65 Page - STMicroelectronics

部品番号 ST25DV16K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K データシート(HTML) 65 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 61Page - STMicroelectronics ST25DV16K Datasheet HTML 62Page - STMicroelectronics ST25DV16K Datasheet HTML 63Page - STMicroelectronics ST25DV16K Datasheet HTML 64Page - STMicroelectronics ST25DV16K Datasheet HTML 65Page - STMicroelectronics ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics ST25DV16K Datasheet HTML 68Page - STMicroelectronics ST25DV16K Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 220 page
background image
DocID027603 Rev 4
65/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
5.5
Interface Arbitration
ST25DVxxx automatically arbitrates the exclusive usage of RF and I2C interfaces.
Arbitration scheme obeys to “first talk first served” basic law. (see Figure 21).
Figure 21. ST25DVxxx, Arbitration between RF and I2C
RF transaction is terminated:
•
at response EOF if answer.
•
at request EOF is no answer.
•
at RF field OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More