データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV16K データシート(PDF) 70 Page - STMicroelectronics

部品番号 ST25DV16K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K データシート(HTML) 70 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics ST25DV16K Datasheet HTML 68Page - STMicroelectronics ST25DV16K Datasheet HTML 69Page - STMicroelectronics ST25DV16K Datasheet HTML 70Page - STMicroelectronics ST25DV16K Datasheet HTML 71Page - STMicroelectronics ST25DV16K Datasheet HTML 72Page - STMicroelectronics ST25DV16K Datasheet HTML 73Page - STMicroelectronics ST25DV16K Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
70/220
DocID027603 Rev 4
Table 32. I2CSS(1)
RF
Command
No access
Type
I2C
Address
E2 = 1, 000Bh
Type
R always, W if I2C security session is open
Bit
Name
Function
Factory
Value
b1-b0
RW_PROTECTION_A1
00: Area 1 I2C access: Read always allowed, Write always allowed
01: Area 1 I2C access: Read always allowed, Write allowed if I2C
user security session is open
10: Area 1 I2C access: Read always allowed, Write always allowed
11: Area 1 I2C access: Read always allowed, Write allowed if I2C
user security session is open
00b
b3-b2
RW_PROTECTION_A2
00: Area 2 I2C access: Read always allowed, Write always allowed
01: Area 2 I2C access: Read always allowed, Write allowed if I2C
user security session is open
10: Area 2 I2C access: Read allowed if I2C user security session is
open, Write always allowed
11: Area 2 I2C access: Read allowed if I2C security session is open,
Write allowed if I2C security session is open
00b
b5-b4
RW_PROTECTION_A3
00: Area 3 I2C access: Read always allowed, Write always allowed
01: Area 3 I2C access: Read always allowed, Write allowed if I2C
user security session is open
10: Area 3 I2C access: Read allowed if I2C user security session is
open, Write always allowed
11: Area 3 I2C access: Read allowed if I2C security session is open,
Write allowed if I2C security session is open
00b
b7-b6
RW_PROTECTION_A4
00: Area 4 I2C access: Read always allowed, Write always allowed
01: Area 4 I2C access: Read always allowed, Write allowed if I2C
user security session is open
10: Area 4 I2C access: Read allowed if I2C user security session is
open, Write always allowed
11: Area 4 I2C access: Read allowed if I2C security session is open,
Write allowed if I2C security session is open
00b
1. Refer to Table 8: System configuration memory map for the I2CSS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More