| データシートサーチシステム |
|
ST25DV16K データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 220 page ![]() ST25DVxxx specific features ST25DV04K ST25DV16K ST25DV64K 52/220 DocID027603 Rev 4 Figure 18. RF_WRITE chronogram 5.2.2 GPO and power supply When at the same time RF field is present and VCC is ON, GPO is acting as configured in GPO, GPO_CTRL_Dyn and IT_TIME registers. When the RF field disappears, the GPO state is reset and the output level is set to high-Z (open drain) or tied low (CMOS). Interruption status in IT_STS_Dyn register is maintained until next I2C read or VCC power off. |