| データシートサーチシステム |
|
ST25DV64K データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 220 page ![]() ST25DVxxx specific features ST25DV04K ST25DV16K ST25DV64K 48/220 DocID027603 Rev 4 Figure 15. FIELD_CHANGE chronogram RF_PUT_MSG: • A pulse is emitted on GPO when a message is successfully written by RF in fast transfer mode mailbox. • When RF_PUT_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at completion of valid Write Message or Fast Write Message commands (after EOF of ST25DV response). Table 15. FIELD_CHANGE when RF is disabled or in sleep mode RF_DISABLE RF_SLEEP GPO behavior when FIELD_DETECT is enabled 00 A pulse is emitted on GPO if RF field appears or disappears(1) 1. assuming that GPO output is enabled (GPO_EN = 1). 10 X1 GPO remains High-Z (OD) or tied low (CMOS) IT_STS_Dyn register is not updated. X1 |