データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 96 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 96 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 92Page - STMicroelectronics ST25DV64K Datasheet HTML 93Page - STMicroelectronics ST25DV64K Datasheet HTML 94Page - STMicroelectronics ST25DV64K Datasheet HTML 95Page - STMicroelectronics ST25DV64K Datasheet HTML 96Page - STMicroelectronics ST25DV64K Datasheet HTML 97Page - STMicroelectronics ST25DV64K Datasheet HTML 98Page - STMicroelectronics ST25DV64K Datasheet HTML 99Page - STMicroelectronics ST25DV64K Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 220 page
background image
I2C operation
ST25DV04K ST25DV16K ST25DV64K
96/220
DocID027603 Rev 4
Sequential read in system memory:
•
There is no roll over after reaching end of system memory (ST25DV returns only FFh
after last system memory byte address).
•
Sequential read in dynamic registers:
•
It is possible to read sequentially dynamic registers and fast transfer mode’s mailbox
(contiguous I2C addresses).
Sequential read in dynamic registers:
•
There is no roll over at the end of the mailbox (ST25DV returns only FFh after last
system memory byte address).
6.5.4
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgment
during the ninth bit time. If the bus master does not drive Serial Data (SDA) low during this
time, the device terminates the data transfer and switches to its Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More