データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64K データシート(PDF) 49 Page - STMicroelectronics

部品番号 ST25DV64K
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K データシート(HTML) 49 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 45Page - STMicroelectronics ST25DV64K Datasheet HTML 46Page - STMicroelectronics ST25DV64K Datasheet HTML 47Page - STMicroelectronics ST25DV64K Datasheet HTML 48Page - STMicroelectronics ST25DV64K Datasheet HTML 49Page - STMicroelectronics ST25DV64K Datasheet HTML 50Page - STMicroelectronics ST25DV64K Datasheet HTML 51Page - STMicroelectronics ST25DV64K Datasheet HTML 52Page - STMicroelectronics ST25DV64K Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 220 page
background image
DocID027603 Rev 4
49/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Figure 16. RF_PUT_MSG chronogram
RF_GET_MSG:
•
A pulse is emitted on GPO when RF has successfully read a message, up to its last
byte, in fast transfer mode mailbox.
•
When RF_GET_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at
completion of valid Read Message or Fast Read Message commands (after EOF of
ST25DV response), and end of message has been reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More