データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ6622 データシート(PDF) 2 Page - Alpha & Omega Semiconductors

部品番号 AOZ6622
部品情報  EZBuckTM 2A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6622 データシート(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ6622 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Rev. 1.1 July 2016
www.aosmd.com
Page 2 of 15
AOZ6622DI
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ6622DI
-40°C to +85°C
8-Pin 3mm x 3mm DFN
Green Product
Pin Number
Pin Name
Pin Function
1
GND
System ground.
2, 3
LX
Switching output.
4VIN
Supply voltage input. When VIN rises above the UVLO threshold and EN is logic high, the
device starts up.
5FB
Feedback input. The FB pin is used to set the output voltage via a resistive voltage divider
between the output and GND.
6
NC
No connection.
7EN
Enable pin. Pull EN to logic high to enable the device. Pull EN to logic low to disable the
device. If on/off control in not needed, connect it to VIN and do not leave it open.
8
BST
Bootstrap.
9
Thermal PAD
GND pin must be connected to the exposed pad for proper operation.
1
2
3
GND
LX
LX
8-Pin 3mm x 3mm DFN
(Top View)
8
6
5
BST
EN
NC
FB
Thermal
PAD (9)
7
4
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com