データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AOZ6622 データシート(PDF) 1 Page - Alpha & Omega Semiconductors

部品番号 AOZ6622
部品情報  EZBuckTM 2A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AOSMD [Alpha & Omega Semiconductors]
ホームページ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ6622 データシート(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ6622 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ6622 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.1 July 2016
www.aosmd.com
Page 1 of 15
AOZ6622DI
EZBuckTM 2A Synchronous Buck Regulator
General Description
The AOZ6622DI is a high efficiency, easy to use, 2A
synchronous buck regulator. The AOZ6622DI works from
4.5V to 18V input voltage range, and provides up to 2A of
continuous output current with an output voltage
adjustable down to 0.8V.
The AOZ6622DI comes in a DFN 3mm x 3mm package
and is rated over a -40°C to +85°C operating ambient
temperature range.
Features
4.5V to 18V operating input voltage range
Synchronous Buck: 150mΩ internal high-side switch
and 90mΩ internal low-side switch
Up to 95% efficiency
Pulse energy mode for high light load efficiency
(Vin=12V, Vo=5V, 83% @10mA)
Output voltage adjustable to 0.8V
Adjacent pin short protection
2A continuous output current
550kHz PWM operation
Cycle-by-cycle current limit
Pre-bias start-up
Short-circuit protection
Thermal shutdown
Applications
Point of load DC/DC converters
LCD TV
Set top boxes
DVD / Blu-ray players/recorders
Cable modems
Typical Application
AOZ6622DI
VOUT
CBST
CIN
10µF
VIN
EN
BST
LX
FB
GND
L1
4.7µH
VIN
C2,C3
22µF
R1
R2
EN
RT
Figure 1. 3.3V 2ASynchronous Buck Regulator, Fs = 550kHz


同様の部品番号 - AOZ6622

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
More results

同様の説明 - AOZ6622

メーカー部品番号データシート部品情報
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
2A Synchronous EZBuckTM Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
AOZ6689CI AOSMD-AOZ6689CI Datasheet
657Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ6606PI AOSMD-AOZ6606PI Datasheet
992Kb / 16P
EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018
AOZ6683CI AOSMD-AOZ6683CI Datasheet
656Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021
AOZ6762DI AOSMD-AOZ6762DI Datasheet
877Kb / 15P
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com