| データシートサーチシステム |
|
M7F データシート(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
M7F データシート(HTML) 15 Page - Omron Electronics LLC |
|
15 / 16 page ![]() M7F 15 Attaching Color Plate Insert the projecting parts of the color plate into the square holes of the case to attach the color plate to the case. DIP Switch Settings The DIP switch can be set with the tip of a ball-point pen or small screwdriver. Do not use anything that has a sharp edge (e.g., tweezers) to set the DIP switch. Color plate projecting part (There are four color plate projecting parts.) Square hole (There are four square holes.) In the interest of product improvement, specifications are subject to change without notice. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. |