データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OL2385SWUG データシート(PDF) 30 Page - NXP Semiconductors

部品番号 OL2385SWUG
部品情報  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG データシート(HTML) 30 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors OL2385SWUG Datasheet HTML 33Page - NXP Semiconductors OL2385SWUG Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
30 / 64
Table 7. Content of downloaded zip file
Folder name
Folder content
KDS_Examples
Example project folder for Kinetis Design Studio 3.2.0 or newer.
FRDM_K64F_OL2385_ConsoleControl
FRDM-K64F example project that allows users to control the SIGFOX device via a virtual
serial port.
FRDM_KL27Z_OL2385_ConsoleControl
FRDM-KL27Z example project that allows users to control the SIGFOX device via a virtual
serial port.
FRDM_KL43Z_OL2385_ConsoleControl
FRDM-KL43Z example project that allows users to control the SIGFOX device via a virtual
serial port.
FRDM_KL43Z_OL2385_Demo
KL43Z example project that collects data from sensors placed on the MCU board and
sends them to the SIGFOX network. The second part is an HTML application that shows
data from the SIGFOX server.
FRDM_KL43Z_OL2385_DemoExtSensors
KL43Z example project that collects data from MCU sensors and external sensors (GPS,
pressure sensor) and sends them to SIGFOX network. The second part is an HTML
application that shows data from the SIGFOX server.
MCUXpresso_Examples
Example project folder for MCUXpresso IDE v10.1.1 or newer.
FRDM_K64F_OL2385_ConsoleControl
FRDM-K64F example project that allows users to control the SIGFOX device via a virtual
serial port.
FRDM_KL27Z_OL2385_ConsoleControl
FRDM-KL27Z example project that allows users to control the SIGFOX device via a virtual
serial port.
FRDM_KL43Z_OL2385_ConsoleControl
FRDM-KL43Z example project that allows users to control the SIGFOX device via a virtual
serial port.
Programmer_Guide
This folder contains API documentation generated directly from the code. (The API
programmer's guide is not available online.)
SDK_SW_Driver
SIGFOX Software Driver folder. This folder contains two subfolders:
aml and sf.
6.2.5.4 Importing an example project into Kinetis Design Studio
The following steps show how to import an example from the downloaded zip file into
Kinetis Design Studio. In MCUXpresso IDE, the following steps are similar.
1. In the Kinetis Design Studio menu bar, click
File → Import… In the pop-up window,
select
General → Existing Projects into Workspace and click Next.
2. Click Browse and locate the folder containing the unzipped example files. Find the
folder:
Sigfox_SDK_SW\KDS_Examples and select a project to import. Then, click
OK.
3. With the project now loaded in the
Select root directory box, click on the Copy
projects into workspace check box. Then click Finish. The project is now in the
Kinetis Design Studio workspace where it can be built and run.
6.2.5.5 Creating a new project with the SIGFOX software driver
For users electing not to use one of the provided example projects, the following
instructions describe how to create and set up a new project that uses the SIGFOX
software driver.
To create a new project, do the following:
1. In the Kinetis Design Studio menu bar, select
File → New → Kinetis SDK 2.x
Project. When the Select Kinetis SDK 2.x box opens, enter a project name into the
text box. Select the path to the SDK 2.x library and then click
Next. Note that the
SDK package for the relevant MCU must have been previously downloaded. See
Section 6.2.5.2 "Downloading the MCUXpresso SDK library".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64