データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OL2385SWUG データシート(PDF) 41 Page - NXP Semiconductors

部品番号 OL2385SWUG
部品情報  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG データシート(HTML) 41 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 37Page - NXP Semiconductors OL2385SWUG Datasheet HTML 38Page - NXP Semiconductors OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
41 / 64
Figure 29. Update PA curve values
Figure 30. Read updated PA curve values
7.2.2 Legacy commands
The following is a set of essential commands are
no longer required for OL2385
firmware versions after version number 01.11.01.20.03.20.17:
7.2.2.1 Temperature based frequency calibration
The next command for any device can be Temperature frequency calibration. This
command also needs to be done only once after flashing new firmware on the OL2385.
Temperature frequency calibration is optional. If you choose to skip this command, some
TX and RX scenarios might not work. The crystal used on the boards has, sometimes,
an initial offset in the generated frequency depending on its temperature. Therefore,
the actual frequencies generated from the board differ slightly from the commanded
frequency. For example, if a command to start an unmodulated continuous wave
at 868.13 MHz is given, one can see on a spectrum analyzer that the peak of the
spectrum is not exactly at 868.13 MHz, but is at an offset. This frequency offset can be
compensated on the device by getting the temperature behavior curve from the crystal
manufacturer. Such a curve over temperature with ppm values can be then sent to the
OL2385 using the SPI command Temperature_frequency_calibration. These ppm values
can be translated to absolute Hz value on OL2385. An example of such a curve for an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64