| データシートサーチシステム |
|
OL2385SWUG データシート(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG データシート(HTML) 60 Page - NXP Semiconductors |
|
60 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 60 / 64 Figure 44. How to get ID-PAC from a device 7.4 Testing with SIGFOX network emulator kit In order to facilitate the development of IoT applications, from the connected object to the application that processes the data transmitted by the objects, SIGFOX has developed a network emulator. This SNEK emulator (SIGFOX Network Emulator Kit) is a USB device associated to a software package that emulates the SIGFOX network. See Figure 45. It is intended solely for product or software designers for use in a research and development setting. The emulator runs in conducted mode with the object under development and is compatible with all European and FCC bands, allowing the development of applications without concern for network coverage issues. The software package is downloadable. Potential protocol evolutions or new features can be taken into account by downloading the latest version of the software package. 1. Download the user guide and driver software for SNEK tool from: www.SIGFOX.com/ en/support/download. 2. Install the executable file of the driver. 3. Connect the USB dongle to the PC and RF connector to your device. 4. Locate the folder C:\Program Files (x86)\Snek on your windows PC. 5. Start the application by running the snek.vbs file in a browser. 6. Follow the rest of the instructions from the latest SNEK user guide, which is available at the link provided in step 1. The user guide is updated from time-to-time by SIGFOX. It is recommended to follow instructions from the latest user guide and latest driver software. |