| データシートサーチシステム |
|
OL2385SWUG データシート(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG データシート(HTML) 9 Page - NXP Semiconductors |
|
9 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 9 / 64 • Quick start guide 5.2.2 System requirements The kit requires the following to function properly with the software: • USB enabled computer running Windows XP, Vista, 7, 8, or 10 (32-bit or 64-bit) • Terminal emulation software (such as HyperTerminal) 5.3 Getting to know the hardware 5.3.1 SF001 board overview The OM2385/SF001 consists of a base board (the OL2385 shield board) with a permanently attached daughter board (the OL2385 reference design board). The combination, along with the attached FRDM-KL43Z board, serves as a development platform that provides wireless modem access to the SIGFOX network. Once properly registered, the board allows users to send and receive messages across the network. 5.3.2 Board features The board features are as follows: • Arduino connector compatibility with other Freedom boards • Support for UART, SPI, MDI and GPIO communication • SIGFOX Communication Library |