| データシートサーチシステム |
|
V680-HS52-R データシート(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R データシート(HTML) 16 Page - Omron Electronics LLC |
|
16 / 59 page ![]() V680 Series 16 Communication Specifications ID Controllers (V680-CA5D01-V2/V680-CA5D02-V2) RF Tag (1-kbyte Memory) Communication *1. When using the V680-D1KP52MT/-D1KP53M embedded in metal, use the V680-HS51/-HS52 Antenna. Communications will not be possible with a V680-HS63 Antenna. *2. The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680-D1KP52MT V680-HS51 Read distance 0.5 to 6.5 (axis offset ±2) Write distance 0.5 to 6.0 (axis offset ±2) V680-HS52 Read distance 0 to 9.0 (axis offset ±2) Write distance 0 to 8.5 (axis offset ±2) V680-HS63 Read distance 0 to 12.0 (axis offset ±2) Write distance 0 to 9.5 (axis offset ±2) V680-D1KP52MT (embedded in metallic surface: steel) V680-HS51 Read distance 0.5 to 3.5 *1 (axis offset ±2) Write distance 0.5 to 3.0 *1 (axis offset ±2) V680-HS52 Read distance 0 to 4.5 *1 (axis offset ±2) Write distance 0 to 4.0 *1 (axis offset ±2) V680-D1KP53M V680-HS51 Read distance 0.5 to 6.5 (axis offset ±2) Write distance 0.5 to 6.0 (axis offset ±2) V680-HS52 Read distance 0 to 9.0 (axis offset ±2) Write distance 0 to 8.5 (axis offset ±2) V680-D1KP53M (embedded in metallic surface : steel) V680-HS51 Read distance 0.5 to 3.5 *1 (axis offset ±2) Write distance 0.5 to 3.0 *1 (axis offset ±2) V680-HS52 Read distance 0 to 4.5 *1 (axis offset ±2) Write distance 0 to 4.0 *1 (axis offset ±2) V680-D1KP52MT V680-HS51 Metallic Non-metallic Resin, plastic, wood, etc. V680-D1KP52MT V680-HS52 Non-metallic Non-metallic Resin, plastic, wood, etc. *2 Non-metallic V680-HS63 V680- D1KP52MT Non-metallic Resin, plastic, wood, etc. *2 Metallic V680-D1KP52MT Metallic V680-HS51 V680-D1KP52MT Metallic V680-HS52 Non-metallic *2 V680-D1KP53M V680-HS51 Metallic Non-metallic Resin, plastic, wood, etc. V680-D1KP53M V680-HS52 Non-metallic Non-metallic Resin, plastic, wood, etc. *2 Metallic V680-D1KP53M Metallic V680-HS51 V680-D1KP53M Metallic V680-HS52 Non-metallic *2 |