データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V680-HS52-R データシート(PDF) 49 Page - Omron Electronics LLC

部品番号 V680-HS52-R
部品情報  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R データシート(HTML) 49 Page - Omron Electronics LLC

Back Button V680-HS52-R Datasheet HTML 45Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 46Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 47Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 48Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 49Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 50Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 51Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 52Page - Omron Electronics LLC V680-HS52-R Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
49
V680 Series
Communications with Host (V680-HAM91/-HAM81)
The I/O status may be unstable when the ID Controller is started.
After turning ON the power supply to the ID Controller, allow at least
1 second to elapse before performing control.
Storage
Store the product at a location where:
• It is not exposed to corrosive gases, dust, metal chips, or salt.
• The ambient storage temperature is within the range stipulated in
the specifications.
• There are no sudden variations in temperature (no condensation).
• The ambient storage humidity is within the range stipulated in the
specifications.
• No vibration or shock exceeding the values stipulated in the
specifications is transmitted directly to the body of the product.
• It is not subject to splashing water, oil, or chemical substances.
Cleaning
Thinners, benzine, acetone, and kerosine may have adverse effects
on resin parts and the case coating. Check the resistance to
chemicals in the user’s manual and do not use chemicals that may
affect the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59