| データシートサーチシステム |
|
V680-HS52-R データシート(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R データシート(HTML) 29 Page - Omron Electronics LLC |
|
29 / 59 page ![]() 29 V680 Series Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna. The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their dimensions are larger than the dimensions of the Antenna (100 × 100 mm). For details, refer to the User's Manual (Cat. No. Z248 or Z262). Bolt RF Tag (1-kbyte or 2-kbyte Memory) Communication * Mounting can be performed in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. V680S-D8KF68M V680-HS63 Read distance 5.0 to 35.0 (axis offset ±10) Write distance 5.0 to 35.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 55.0 (axis offset ±10) Write distance 5.0 to 55.0 (axis offset ±10) Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680-D1KP52M-BT01/ -BT11 V680-HS51 Read distance 0.5 to 2.5 (axis offset ±2) Write distance 0.5 to 2.0 (axis offset ±2) V680-HS52 Read distance 0.5 to 3.0 (axis offset ±2) Write distance 0.5 to 2.5 (axis offset ±2) V680-D2KF52M-BT01/ -BT11 V680-HS51 Read distance 0.5 to 2.5 (axis offset ±2) Write distance 0.5 to 2.5 (axis offset ±2) V680-HS52 Read distance 0.5 to 2.0 (axis offset ±2) Write distance 0.5 to 2.0 (axis offset ±2) Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Reader Writer V680-HS63 V680S-D8KF68M Non-metallic Resin, plastic, wood, etc. Metallic V680S- D8KF68M V680-HS65 Metallic Metallic V680-D1KP52M-BT01/-BT11 Metallic V680-HS51 Metallic/Non-metallic V680-D1KP52M-BT01/-BT11 V680-HS52 Non-Metallic Metallic/Non-metallic * V680-D2KF52M-BT01/-BT11 V680-HS51 Metallic Metallic/Non-metallic V680-D2KF52M-BT01/-BT11 V680-HS52 Non-Metallic Metallic/Non-metallic * |