| データシートサーチシステム |
|
V680-HS52-R データシート(PDF) 40 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R データシート(HTML) 40 Page - Omron Electronics LLC |
|
40 / 59 page ![]() V680 Series 40 V680-HS65 (mounted on metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) V680-HS63 (with Metal on Back Surface) & V680S-D2KF68 (Tag direction: Horizontal) V680-HS63 (with Metal on Back Surface) & V680S-D2KF68 (Tag direction: Vertical) V680-HS65 (with Metal on Back Surface) & V680S-D2KF68 (Tag direction: Horizontal) V680-HS65 (with Metal on Back Surface) & V680S-D2KF68 (Tag direction: Vertical) V680-HS63 (with Metal on Back Surface) & V680S-D2KF68M (Metal on back: Steel) (Tag direction: Horizontal) V680-HS63 (with Metal on Back Surface) & V680S-D2KF68M (Metal on back: Steel) (Tag direction: Vertical) V680-HS65 (with Metal on Back Surface) & V680S-D2KF68M (Metal on back: Steel) (Tag direction: Horizontal) V680-HS65 (with Metal on Back Surface) & V680S-D2KF68M (Metal on back: Steel) (Tag direction: Vertical) 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X Read Write |