| データシートサーチシステム |
|
32F030F4P6 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32F030F4P6 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 93 page ![]() Pinouts and pin descriptions STM32F030x4/x6/x8/xC 26/93 DS9773 Rev 4 Figure 6. LQFP48 48-pin package pinout (top view), for STM32F030x4/6/8 devices Figure 7. LQFP48 48-pin package pinout (top view), for STM32F030CC devices 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 LQFP48 PF7 PF6 PA13 PA12 PA11 PA10 PA9 PA8 PB15 PB14 PB13 PB12 VDD NRST VSSA VDDA PA0 PA1 PA2 PC13 PC14-OSC32_IN PF0-OSC_IN PF1-OSC_OUT PC15-OSC32_OUT MSv36497V2 IO pins replaced by supply pairs for STM32F030CC devices. 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 48 47 46 45 LQFP48 VDD VSS PA13 PA12 PA11 PA10 PA9 PA8 PB15 PB14 PB13 PB12 VDD NRST VSSA VDDA PA0 PA1 PA2 PC13 PC14-OSC32_IN PF0-OSC_IN PF1-OSC_OUT PC15-OSC32_OUT MSv36484V2 Additional supply pins required for STM32F030CC devices. |