| データシートサーチシステム |
|
32F030F4P6 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32F030F4P6 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 93 page ![]() PB8 - I2C1_SCL TIM16_CH1 - - - PB9 IR_OUT I2C1_SDA TIM17_CH1 EVENTOUT - SPI2_NSS(1) PB10 - I2C1_SCL(2) - - USART3_TX(1) SPI2_SCK(1) I2C2_SCL(1)(3) PB11 EVENTOUT I2C1_SDA(2) - - USART3_RX(1) - I2C2_SDA(1)(3) PB12 SPI1_NSS(2) EVENTOUT TIM1_BKIN - USART3_RTS(1) TIM15(1) SPI2_NSS(1)(3) PB13 SPI1_SCK(2) - TIM1_CH1N - USART3_CTS(1) I2C2_SCL(1) SPI2_SCK(1)(3) PB14 SPI1_MISO(2) TIM15_CH1(1)(3) TIM1_CH2N - USART3_RTS(1) I2C2_SDA(1) SPI2_MISO(1)(3) PB15 SPI1_MOSI(2) TIM15_CH2(1)(3) TIM1_CH3N TIM15_CH1N(1)(3) -- SPI2_MOSI(1)(3) 1. This feature is available on STM32F030xC devices. 2. This feature is available on STM32F030x4 and STM32F030x6 devices. 3. This feature is available on STM32F030x8 devices. Table 13. Alternate functions selected through GPIOB_AFR registers for port B (continued) Pin name AF0 AF1 AF2 AF3 AF4 AF5 |