データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

32F030F4P6 データシート(PDF) 27 Page - STMicroelectronics

部品番号 32F030F4P6
部品情報  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F030F4P6 データシート(HTML) 27 Page - STMicroelectronics

Back Button 32F030F4P6 Datasheet HTML 23Page - STMicroelectronics 32F030F4P6 Datasheet HTML 24Page - STMicroelectronics 32F030F4P6 Datasheet HTML 25Page - STMicroelectronics 32F030F4P6 Datasheet HTML 26Page - STMicroelectronics 32F030F4P6 Datasheet HTML 27Page - STMicroelectronics 32F030F4P6 Datasheet HTML 28Page - STMicroelectronics 32F030F4P6 Datasheet HTML 29Page - STMicroelectronics 32F030F4P6 Datasheet HTML 30Page - STMicroelectronics 32F030F4P6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
DS9773 Rev 4
27/93
STM32F030x4/x6/x8/xC
Pinouts and pin descriptions
33
Figure 8. LQFP32 32-pin package pinout (top view)
Figure 9. TSSOP20 20-pin package pinout (top view)
MS32144V1
32 31 30 29 28 27 26 25
24
23
22
20
19
18
17
8
910 11 12 13 14 15 16
1
2
3
4
5
6
7
LQFP32
PA14
PA13
PA12
PA11
PA10
PA9
PA8
VDD
NRST
VDDA
PA0
PA1
PA2
PF0-OSC_IN
PF1-OSC_OUT
VDD
21
MSv36473V1
1
20
10
11
19
18
17
16
15
12
13
14
2
3
4
5
6
7
8
9
PF0-OSC_IN
BOOT0
PF1-OSC_OUT
NRST
VDDA
PA0
PA 9
VD D
PA14
PA6
PA7
PB 1
VSS
PA1
PA2
PA3
PA4
PA5
PA13
PA10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93