データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L12805F データシート(PDF) 29 Page - Generalplus Technology Inc.

部品番号 GPR25L12805F
部品情報  128M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L12805F データシート(HTML) 29 Page - Generalplus Technology Inc.

Back Button GPR25L12805F Datasheet HTML 25Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 26Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 27Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 28Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 29Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 30Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 31Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 32Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 33Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
GPR25L12805F
© Generalplus Technology Inc.
Proprietary & Confidential
29
Nov. 23, 2017
Version: 1.1
Fast Boot Register (FBR)
Bits
Description
Bit Status
Default State
Type
31 to 4
FBSA (FastBoot Start Address)
8 bytes boundary address for
the start of boot code access.
FFFFFFF
Non- Volatile
3
x
1
Non- Volatile
2 to 1
FBSD (FastBoot Start Delay
Cycle)
00: 6 delay cycles
01: 8 delay cycles
10: 10 delay cycles
11: 12 delay cycles
11
Non- Volatile
0
FBE (FastBoot Enable)
0=FastBoot is enabled.
1=FastBoot is not enabled.
1
Non- Volatile
Note: If FBSD = 11, the maximum clock frequency is 133 MHz
If FBSD = 10, the maximum clock frequency is 104 MHz
If FBSD = 01, the maximum clock frequency is 84 MHz
If FBSD = 00, the maximum clock frequency is 70 MHz
Figure 39. Fast Boot Sequence (QE bit =0)
Figure 40. Fast Boot Sequence (QE bit =1)
Figure 41. Read Fast Boot Register (RDFBR) Sequence
Figure 42. Write Fast Boot Register (WRFBR) Sequence
Figure 43. Erase Fast Boot Register (ESFBR) Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com