データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L12805F データシート(PDF) 38 Page - Generalplus Technology Inc.

部品番号 GPR25L12805F
部品情報  128M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L12805F データシート(HTML) 38 Page - Generalplus Technology Inc.

Back Button GPR25L12805F Datasheet HTML 34Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 35Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 36Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 37Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 38Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 39Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 40Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 41Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 42Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
GPR25L12805F
© Generalplus Technology Inc.
Proprietary & Confidential
38
Nov. 23, 2017
Version: 1.1
First, the SPB lock bit must be cleared by PASSWD unlock
command if lock register bit2 is set to "0" or by a power-on cycle or
hardware reset if lock register bit1 is set to "0".
The SPBs can
then be changed to reflect the desired settings.
Setting the SPB
Lock Bit once again locks the SPBs, and the device operates
normally again.
To verify the programming state of the SPB for a
given sector, issuing a SPB Read Command to the device is
required.
Note:
1. Once SPB Lock Bit is set, its Program or erase command will not be
executed and times-out without programming or erasing the SPB.
SPB Register (SPBR)
Bit
Description
Bit Status
Default
Type
7 to 0
SPB (Solid protected Bit)
00h= SPB for the sector address unprotected
FFh= SPB for the sector address protected
00h
Non-volatile
Figure 63. Read SPB Status (RDSPB) Sequence
Note: One dummy byte follow 3-byte address.
Figure 64. SPB Erase (ESSPB) Sequence
Figure 65. SPB Program (WRSPB) Sequence
Note: One dummy byte follow 3-byte address.
9.37. Dynamic Write Protection Bits
The Dynamic Protection allows the software application to easily
protect sectors against inadvertent change.
However, the
protection can be easily disabled when changes are necessary.
All Dynamic Protection bits (DPB) are volatile and assigned to
each sector.
They can be modified individually.
DPBs provide
the protection scheme only for unprotected sectors that have their
SPBs cleared.
To modify the DPB status by issuing the DPB
Program command, then placing each sector in the protected or
unprotected state separately.
After the DPB state is set to "0", the
sector may be modified depending on the SPB state of that sector.
The DPBs are protected (FFh) upon power up or reset.
Program
or erase function can only be operated after the unlock instruction
is conducted.
DPB Register (DPBR)
Bit
Description
Bit Status
Default
Type
7 to 0
DPB (Dynamic protected Bit)
00h=DPB for the sector address unprotected
FFh=DPB for the sector address protected
FFh
Volatile
Figure 66. Read DPB Register (RDDPB) Sequence
Note: One dummy byte follow 3-byte address.
Figure 67. Write DPB Register (WRDPB) Sequence
Note: One dummy byte follow 3-byte address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com