データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L12805F データシート(PDF) 45 Page - Generalplus Technology Inc.

部品番号 GPR25L12805F
部品情報  128M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L12805F データシート(HTML) 45 Page - Generalplus Technology Inc.

Back Button GPR25L12805F Datasheet HTML 41Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 42Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 43Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 44Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 45Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 46Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 47Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 48Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 49Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
GPR25L12805F
© Generalplus Technology Inc.
Proprietary & Confidential
45
Nov. 23, 2017
Version: 1.1
Table 12. Parameter Table (1): Flash Parameter Tables
Description
Comment
Add (h) (Byte)
DW Add (Bit)
Data (h/b) note1
Data (h)
Vcc
Supply
Maximum
Voltage
2000h=2.000V
2700h=2.700V
3600h=3.600V
61h:60h
07:00
15:08
00h 36h
00h
36h
Vcc
Supply
Minimum
Voltage
1650h=1.650V
2250h=2.250V
2350h=2.350V
2700h=2.700V
63h:62h
23:16
31:24
00h 27h
00h
27h
H/W Reset# pin
0=not support 1=support
65h:64h
00
1b
F99Dh
H/W Hold# pin
0=not support 1=support
01
0b
Deep Power Down Mode
0=not support 1=support
02
1b
S/W Reset
0=not support 1=support
03
1b
S/W Reset Opcode
Reset Enable (66h) should be issued
before Reset Opcode
11:04
1001 1001b (99h)
Program
Suspend/Resume
0=not support 1=support
12
1b
Erase Suspend/Resume
0=not support 1=support
13
1b
Unused
14
1b
Wrap-Around Read mode
0=not support 1=support
15
1b
Wrap-Around Read mode
Opcode
66h
23:16
C0h
C0h
Wrap-Around Read data
length
08h:support
8B
wrap-around
read
16h:8B&16B
32h:8B&16B&32B
64h:8B&16B&32B&64B
67h
31:24
64h
64h
Individual block lock
0=not support 1=support
6Bh:68h
00
1b
CB85h
Individual block lock bit
(Volatile/Nonvolatile)
0=Volatile 1=Nonvolatile
01
0b
Individual
block
lock
Opcode
09:02
1110 0001b (E1h)
Individual
block
lock
Volatile protect bit default
protect status
0=protect 1=unprotect
10
0b
Secured OTP
0=not support 1=support
11
1b
Read Lock
0=not support 1=support
12
0b
Permanent Lock
0=not support 1=support
13
0b
Unused
15:14
11b
Unused
31:16
FFh
FFh
Unused
6Fh:6Ch
[31:00]
FFh
FFh
Note 1: h/b is hexadecimal or binary.
Note 2: (x-y-z) means I/O mode nomenclature used to indicate the number of active pins used for the opcode (x), address (y), and data (z). At the present time,
the only valid Read SFDP instruction modes are: (1-1-1), (2-2-2), and (4-4-4)
Note 3: Wait States is required dummy clock cycles after the address bits or optional mode bits.
Note 4: Mode Bits is optional control bits that follow the address bits. These bits are driven by the system controller if they are specified. (eg,read performance
enhance toggling bits)
Note 5: 4KB=2^0Ch,32KB=2^0Fh,64KB=2^10h
Note 6: All unused and undefined area data is blank FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com