データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GPR25L12805F データシート(PDF) 31 Page - Generalplus Technology Inc.

部品番号 GPR25L12805F
部品情報  128M-bit [x 1/x 2/x 4] CMOS Serial Flash
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENERALPLUS [Generalplus Technology Inc.]
ホームページ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR25L12805F データシート(HTML) 31 Page - Generalplus Technology Inc.

Back Button GPR25L12805F Datasheet HTML 27Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 28Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 29Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 30Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 31Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 32Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 33Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 34Page - Generalplus Technology Inc. GPR25L12805F Datasheet HTML 35Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
GPR25L12805F
© Generalplus Technology Inc.
Proprietary & Confidential
31
Nov. 23, 2017
Version: 1.1
Chip Select (CS#) goes high.
The Write in Progress (WIP) bit still
can be checked while the Block Erase cycle is in progress.
The
WIP sets during the tBE timing, and clears when Block Erase
Cycle is completed, and the Write Enable Latch (WEL) bit is reset.
If the Block is protected by BP bits (WPSEL=0; Block Protect
Mode) or SPB/DPB (WPSEL=1; Advanced Sector Protect Mode),
the Block Erase (BE) instruction will not be executed on the block.
Figure 48. Block Erase (BE) Sequence (SPI Mode)
Figure 49. Block Erase (BE) Sequence (QPI Mode)
9.24. Chip Erase (CE)
The Chip Erase (CE) instruction is for erasing the data of the
whole chip to be "1".
A Write Enable (WREN) instruction must be
executed to set the Write Enable Latch (WEL) bit before sending
the Chip Erase (CE).
The CS# must go high exactly at the byte
boundary, otherwise the instruction will be rejected and not
executed.
The sequence of issuing CE instruction is: CS# goes low→sending
CE instruction code→CS# goes high.
Both SPI (8 clocks) and QPI (2 clocks) command cycle can accept
by this instruction.
The SIO[3:1] are don't care when during SPI
mode.
The self-timed Chip Erase Cycle time (tCE) is initiated as soon as
Chip Select (CS#) goes high.
The Write in Progress (WIP) bit still
can be checked while the Chip Erase cycle is in progress.
The
WIP sets during the tCE timing, and clears when Chip Erase Cycle
is completed, and the Write Enable Latch (WEL) bit is cleared.
When the chip is under "Block protect (BP) Mode" (WPSEL=0).
The Chip Erase(CE) instruction will not be executed, if one (or
more) sector is protected by BP3-BP0 bits.
It will be only
executed when BP3-BP0 all set to "0".
When the chip is under "Advances Sector Protect Mode"
(WPSEL=1).
The Chip Erase (CE) instruction will be executed on
unprotected block.
The protected Block will be skipped.
If one
(or more) 4K byte sector was protected in top or bottom 64K byte
block, the protected block will also skip the chip erase command.
Figure 50. Chip Erase (CE) Sequence (SPI Mode)
Figure 51. Chip Erase (CE) Sequence (QPI Mode)
9.25. Page Program (PP)
The Page Program (PP) instruction is for programming the
memory to be "0".
A Write Enable (WREN) instruction must be
executed to set the Write Enable Latch (WEL) bit before sending
the Page Program (PP).
The device programs only the last 256
data bytes sent to the device.
If the entire 256 data bytes are
going to be programmed, A7- A0 (The eight least significant
address bits) should be set to 0.
If the eight least significant
address bits (A7-A0) are not all 0, all transmitted data going
beyond the end of the current page are programmed from the start
address of the same page (from the address A7-A0 are all 0).
If
more than 256 bytes are sent to the device, the data of the last
256-byte is programmed at the requested page and previous data
will be disregarded.
If less than 256 bytes are sent to the device,
the data is programmed at the requested address of the page
without effect on other address of the same page.
The sequence of issuing PP instruction
is: CS# goes low→
sending PP instruction code→ 3-byte address on SI→ at least
1-
byte on data on SI→ CS# goes high.
The CS# must be kept to low during the whole Page Program
cycle; The CS# must go high exactly at the byte boundary( the
latest eighth bit of data being latched in), otherwise the instruction
will be rejected and will not be executed.
The self-timed Page Program Cycle time (tPP) is initiated as soon
as Chip Select (CS#) goes high.
The Write in Progress (WIP) bit
still can be checked while the Page Program cycle is in progress.
The WIP sets during the tPP timing, and clears when Page
Program Cycle is completed, and the Write Enable Latch (WEL) bit
is cleared.
If the Block is protected by BP bits (WPSEL=0; Block
Protect Mode) or SPB/DPB (WPSEL=1; Advanced Sector Protect
Mode) the Page Program (PP) instruction will not be executed.
Both SPI (8 clocks) and QPI (2 clocks) command cycle can accept
by this instruction.
The SIO[3:1] are don't care when during SPI
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com