データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CVIS データシート(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CVIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CVIS データシート(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CVIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
28
7.12 Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read command is similar to the Quad I/O Fast Read command except that the lowest
address bit (A0) must equal 0 and only 2-dummy clock. The command sequence is shown in followed Figure13. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out.
Quad I/O Word Fast Read with
“Continuous Read Mode”
The Quad I/O Word Fast Read command can further reduce command overhead through setting the
“Continuous
Read Mode
” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), then
the next Quad I/O Word Fast Read command (after CS# is raised and then lowered) does not require the E7H command
code. The command sequence is shown in followed Figure13. If the
“Continuous Read Mode” bits (M5-4) do not equal to (1,
0), the next command requires the first E7H command code, thus returning to normal operation. A
“Continuous Read
Mode
” Reset command can be used to reset (M5-4) before issuing normal command.
Figure13. Quad I/O Word Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Figure13a. Quad I/O Word Fast Read Sequence Diagram (M5-4= (1, 0))
Command
0
1
2
3
4
5
6
7
E7H
CS#
SCLK
IO0
IO1
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
IO2
IO3
4
5
6
7
Dummy
Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
IO0
IO1
IO2
IO3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0 Dummy Byte1 Byte2
4
0
5
1
6
2
7
3
Byte3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com