データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CVIS データシート(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CVIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CVIS データシート(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CVIS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
51
7.33 Burst Read with Wrap (0CH)
The
“Burst Read with Wrap (0CH)” command provides an alternative way to perform the read operation with “Wrap
Around
” in QPI mode. This command is similar to the “Fast Read (0BH)” command in QPI mode, except the addressing of
the read operation will
“Wrap Around” to the beginning boundary of the “Wrap Around” once the ending boundary is
reached. The
“Wrap Length” and the number of dummy clocks can be configured by the “Set Read Parameters (C0H)”
command.
Figure35. Burst Read with Wrap command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
0CH
20
12
16
8
6
7
8
9
10
4
0
4
0
4
0
4
21
13
17
9
5
1
5
1
5
1
5
22
14
18
10
6
2
6
2
6
2
6
23
15
19
11
7
3
7
3
7
3
7
A23-16
A15-8
A7-0
Dummy*
11
12 13
14
IOs switch from
Input to output
Byte1
Byte2
Byte3
*"Set Read Parameters" Command (C0H)
can set the number of dummy clocks
7.34 Enable QPI (38H)
The device support both Standard/Dual/Quad SPI and QPI mode. The
“Enable QPI (38H)” command can switch the
device from SPI mode to QPI mode. See the command Table 2a for all support QPI commands. In order to switch the
device to QPI mode, the
“Enable QPI (38H)” command must be issued. When the device is switched from SPI mode to QPI
mode, the existing Write Enable Latch and Program/Erase Suspend status, and the Wrap Length setting will remain
unchanged.
Figure36. Enable QPI mode command Sequence Diagram
Command
0
1
2
3
4
5
6
7
38H
CS#
SCLK
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com