データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LB64CVIS データシート(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LB64CVIS
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CVIS データシート(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CVIS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CVIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
50
7.32 Set Read Parameters (C0H)
In QPI mode the
“Set Read Parameters (C0H)” command can be used to configure the number of dummy clocks for
“Fast Read (0BH)”, “Quad I/O Fast Read (EBH)” and “Burst Read with Wrap (0CH)” command, and to configure the
number of bytes of
“Wrap Length” for the “Burst Read with Wrap (0CH)” command. The “Wrap Length” is set by W5-6 bit in
the
“Set Burst with Wrap (77H)” command. This setting will remain unchanged when the device is switched from Standard
SPI mode to QPI mode.
P5-P4
Dummy Clocks
Maximum Read
Freq.
P1-P0
Wrap Length
0 0
4
80MHz
0 0
8-byte
0 1
4
80MHz
0 1
16-byte
1 0
6
104MHz
1 0
32-byte
1 1
8
120MHz
1 1
64-byte
Figure34. Set Read Parameters command Sequence Diagram
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
Command
C0H
P4 P0
P6 P2
P7 P3
P5 P1
Read
Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com