| データシートサーチシステム |
|
AM186ED データシート(PDF) 20 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED データシート(HTML) 20 Page - Advanced Micro Devices |
|
20 / 88 page ![]() 20 Am186ED/EDLV Microcontrollers PRELI M INARY D RA F T LOGIC SYMBOL—Am186ED/EDLV MICROCONTROLLERS Notes: * These signals are the normal function of a pin that can be used as a PIO. See Pin Descriptions beginning on page 21 and Table 2 on page 29 for information on shared function. ** All PIO signals are shared with other physical pins. X1 X2 CLKOUTA CLKOUTB A19–A0 AD15–AD0 ALE WHB WLB RD WR S1–S0 HOLD HLDA DT/R DEN/DS ARDY SRDY TMRIN0 TMROUT0 20 16 Clocks Address and Address/Data Buses Bus Control Timer Control RES INT4 INT3/INTA1/IRQ INT2/INTA0/PWD INT1/SELECT INT0 NMI PCS6/A2 PCS5/A1 PCS1–PCS0 LCS/ONCE0/RAS0 MCS2/LCAS UCS/ONCE1 DRQ0/INT5 PIO32–PIO0 2 32 shared Reset Control and Interrupt Service Memory and Peripheral Control DMA Control Asynchronous Serial Port Control Programmable I/O Control 2 TMRIN1 TMROUT1 MCS3/RAS1 S6/CLKDIV2 BHE/ADEN UZI ** * * * * * * * * * * * * * * * * * * DRQ1/INT6 DRQ0/INT5 DRQ1/INT6 * TXD0 RXD0 * * CTS0/ENRX0 RTS0/RTR0 * * TXD1 RXD1 * * PCS2/CTS1/ENRX1 PCS3/RTS1/RTR1 PCS3/RTS1/RTR1 * PCS2/CTS1/ENRX1 * * * S2/BTSEL MCS1/UCAS * MCS0 * |