データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186ED データシート(PDF) 69 Page - Advanced Micro Devices

部品番号 AM186ED
部品情報  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED データシート(HTML) 69 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 65Page - Advanced Micro Devices AM186ED Datasheet HTML 66Page - Advanced Micro Devices AM186ED Datasheet HTML 67Page - Advanced Micro Devices AM186ED Datasheet HTML 68Page - Advanced Micro Devices AM186ED Datasheet HTML 69Page - Advanced Micro Devices AM186ED Datasheet HTML 70Page - Advanced Micro Devices AM186ED Datasheet HTML 71Page - Advanced Micro Devices AM186ED Datasheet HTML 72Page - Advanced Micro Devices AM186ED Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
Am186ED/EDLV Microcontrollers
69
PRELI M INARY
D
RA
F T
WRITE CYCLE WAVEFORMS
CLKOUTA
t1
t2
t3
t4
tW
S2–S0
LCS, UCS
Address
Data
AD15–AD0(a),
AD7–AD0(b)
WR
MCS3–MCS0,
PCS6–PCS5,
PCS3–PCS0
A19–A0
DEN
DT/R
S6
S6
ALE
WHB, WLB
BHE
3
4
5
7
8
9
10
11
12
13
14
16
17
18
19
67
68
65
35
31
20
30
34
32
31
33
UZI
S6
20
31
87
AD15–AD8(b)
Notes:
a
Am186ED/EDLV microcontrollers in 16-bit mode
b
Am186ED/EDLV microcontrollers in 8-bit mode
c
Changes in t phase preceding next bus cycle if followed by read, INTA, or halt
INVALID
23
DS
21
20
Address
Address
6
BHE
41
20
98
22
22
(c)
(c)
99
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88