| データシートサーチシステム |
|
AM186ED データシート(PDF) 88 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED データシート(HTML) 88 Page - Advanced Micro Devices |
|
88 / 88 page ![]() 88 Am186ED/EDLV Microcontrollers PRELI M INARY D RA F T PQFP PHYSICAL DIMENSIONS PQR 100, Trimmed and Formed Plastic Quad Flat Pack Notes: 1. All measurements are in millimeters, unless otherwise noted. 2. Not to scale; for reference only. Pin 100 Pin 50 Pin 30 Pin 1 I.D. 17.00 17.40 12.35 REF 13.90 14.10 18.85 REF 19.90 20.10 23.00 23.40 0.25 MIN 2.70 2.90 0.65 BASIC 3.35 MAX SEATING PLANE 16-038-PQR-1_AH PQR100 DP92 6-20-96 lv Pin 80 Trademarks AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. Am386 and Am486 are registered trademarks of Advanced Micro Devices, Inc. Am186, Am188, E86, K86, Élan, and AMD Facts-On-Demand are trademarks of Advanced Micro Devices, Inc. FusionE86 is a service mark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |