データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186ED データシート(PDF) 60 Page - Advanced Micro Devices

部品番号 AM186ED
部品情報  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED データシート(HTML) 60 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 56Page - Advanced Micro Devices AM186ED Datasheet HTML 57Page - Advanced Micro Devices AM186ED Datasheet HTML 58Page - Advanced Micro Devices AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices AM186ED Datasheet HTML 63Page - Advanced Micro Devices AM186ED Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
60
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Alphabetical Key to Switching Parameter Symbols (continued)
Note:
a
Specs 83 and 88–97 are defined but not used at this time. Additionally, the following parameters are not defined nor used at
this time: 56, 60, and 71–78.
Parameter Symbol
No.
Description
tRLRH
26
RD Pulse Width
tRP0W
108
RAS Inactive Pulse Width (0 Wait States)
tRP1W
109
RAS Inactive Pulse Width (1 Wait State)
tSRYCL
47
SRDY Transition Setup Time
tWHDEX
35
WR Inactive to DEN Inactive
tWHDX
34
Data Hold after WR
tWHLH
33
WR Inactive to ALE High
tWLWH
32
WR Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88