データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186ED-20KC/W データシート(PDF) 19 Page - Advanced Micro Devices

部品番号 AM186ED-20KC/W
部品情報  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W データシート(HTML) 19 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 15Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 16Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 17Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 18Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 19Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 20Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 21Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 22Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Am186ED/EDLV Microcontrollers
19
PRELI M INARY
D
RA
F T
PQFP PIN DESIGNATIONS—Am186ED/EDLV Microcontrollers
Sorted by Pin Name
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
40
AD5
88
GND
70
RXD1/PIO28
99
A1
39
AD6
91
GND
89
S011
A2
37
AD7
94
HLDA
44
S110
A3
36
AD8
79
HOLD
45
S2/BTSEL
9
A4
35
AD9
81
INT0
56
S6/CLKDIV2/
PIO29
96
A5
34
AD10
83
INT1/SELECT
55
SRDY/PIO6
46
A6
33
AD11
85
INT2/INTA0/
PWD/PIO31
54
TMRIN0/PIO11
75
A7
32
AD12
87
INT3/INTA1/IRQ
53
TMRIN1/PIO0
72
A8
31
AD13
90
INT4/PIO30
52
TMROUT0/
PIO10
74
A9
30
AD14
93
LCS/ONCE0/RAS0
58
TMROUT1/PIO1
73
A10
29
AD15
95
MCS0/PIO14
50
TXD0/PIO22
2
A11
28
ALE
7
MCS1/UCAS/PIO15
51
TXD1/PIO27
98
A12
27
ARDY
8
MCS2/LCAS/PIO24
68
UCS/ONCE157
A13
26
BHE/ADEN
4MCS3/RAS1/PIO25
69
UZI/PIO26
97
A14
25
CLKOUTA
16
NMI
47
VCC
15
A15
24
CLKOUTB
17
PCS0/PIO16
66
VCC
21
A16
23
CTS0/ENRX0/
PIO21
100
PCS1/PIO17
65
VCC
38
A17/PIO7
22
DEN/DS/PIO5
49
PCS2/CTS1/ENRX1/
PIO18
63
VCC
61
A18/PIO8
20
DRQ0/INT5/PIO12
77
PCS3/RTS1/RTR1/
PIO19
62
VCC
67
A19/PIO9
19
DRQ1/INT6/PIO13
76
PCS5/A1/PIO3
60
VCC
92
AD0
78
DT/R/PIO4
48
PCS6/A2/PIO2
59
WHB
42
AD1
80
GND
12
RD
6WLB
43
AD2
82
GND
18
RES
71
WR
5
AD3
84
GND
41
RTS0/RTR0/PIO20
3
X1
13
AD4
86
GND
64
RXD0/PIO23
1
X2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88