データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM186ED-20KC/W データシート(PDF) 20 Page - Advanced Micro Devices

部品番号 AM186ED-20KC/W
部品情報  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W データシート(HTML) 20 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 16Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 17Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 18Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 19Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 20Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 21Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 22Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 23Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
20
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
LOGIC SYMBOL—Am186ED/EDLV MICROCONTROLLERS
Notes:
* These signals are the normal function of a pin that can be used as a PIO. See Pin Descriptions beginning on page 21 and
Table 2 on page 29 for information on shared function.
** All PIO signals are shared with other physical pins.
X1
X2
CLKOUTA
CLKOUTB
A19–A0
AD15–AD0
ALE
WHB
WLB
RD
WR
S1–S0
HOLD
HLDA
DT/R
DEN/DS
ARDY
SRDY
TMRIN0
TMROUT0
20
16
Clocks
Address and
Address/Data Buses
Bus Control
Timer Control
RES
INT4
INT3/INTA1/IRQ
INT2/INTA0/PWD
INT1/SELECT
INT0
NMI
PCS6/A2
PCS5/A1
PCS1–PCS0
LCS/ONCE0/RAS0
MCS2/LCAS
UCS/ONCE1
DRQ0/INT5
PIO32–PIO0
2
32
shared
Reset Control and
Interrupt Service
Memory and
Peripheral Control
DMA Control
Asynchronous
Serial Port Control
Programmable
I/O Control
2
TMRIN1
TMROUT1
MCS3/RAS1
S6/CLKDIV2
BHE/ADEN
UZI
**
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
DRQ1/INT6
DRQ0/INT5
DRQ1/INT6
*
TXD0
RXD0
*
*
CTS0/ENRX0
RTS0/RTR0
*
*
TXD1
RXD1
*
*
PCS2/CTS1/ENRX1
PCS3/RTS1/RTR1
PCS3/RTS1/RTR1
*
PCS2/CTS1/ENRX1
*
*
*
S2/BTSEL
MCS1/UCAS
*
MCS0
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88