| データシートサーチシステム |
|
STM32WB55CC データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 165 page ![]() Pinouts and pin description STM32WB55xx 56/165 DS11929 Rev 3 Notes Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset. Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers 1. The related I/O structures in Table 16 are: FT_f, FT_fa, FT_fl, FT_fla. 2. The related I/O structures in Table 16 are: FT_l, FT_fl, FT_lu. 3. The related I/O structures in Table 16 are: FT_u, FT_lu. 4. The related I/O structures in Table 16 are: FT_a, FT_la, FT_fa, FT_fla, TT_a, TT_la. Table 15. Legend/abbreviations used in the pinout table (continued) Name Abbreviation Definition Table 16. STM32WB55xx pin and ball definitions Pin number Pin name (function after reset) Alternate functions Additional functions - - E6 PE2 I/O FT_l - TRACECK, SAI1_PDM_CK1, TSC_G7_IO1, LCD_SEG38, SAI1_MCLK_A, CM4_EVENTOUT - -- C9 PD13 I/O FT_l - TSC_G6_IO4, LCD_SEG33, LPTIM2_OUT, CM4_EVENTOUT - -- D8 PD14 I/O FT_l - TIM1_CH1, LCD_SEG34, CM4_EVENTOUT - -- E7 PD15 I/O FT_l - TIM1_CH2, LCD_SEG35, CM4_EVENTOUT - 1 1 C10 VBAT S - - - - -2 G5 PC13 I/O FT (1) (2) CM4_EVENTOUT RTC_TAMP1/RTC_TS/ RTC_OUT/WKUP2 23 D10 PC14- OSC32_IN I/O FT (1) (2) CM4_EVENTOUT OSC32_IN 34 D9 PC15- OSC32_OUT I/O FT (1) (2) CM4_EVENTOUT OSC32_OUT - - E10 PH0 I/O FT - CM4_EVENTOUT - - - E9 PH1 I/O FT - CM4_EVENTOUT - 4 5 E8 PH3-BOOT0 I/O FT - CM4_EVENTOUT, LSCO - |