| データシートサーチシステム |
|
STM32WB55CC データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 165 page ![]() Pinouts and pin description STM32WB55xx 60/165 DS11929 Rev 3 33 43 E1 VLXSMPS S - - - - 34 44 D1 VDDSMPS S - - - - 35 45 B1 VDD S - - - - - 46 G3 PB12 I/O FT_l - TIM1_BKIN, I2C3_SMBA, SPI2_NSS, LPUART1_RTS, TSC_G1_IO1, LCD_SEG12, SAI1_FS_A, CM4_EVENTOUT - - 47 C1 PB13 I/O FT_fl - TIM1_CH1N, I2C3_SCL, SPI2_SCK, LPUART1_CTS, TSC_G1_IO2, LCD_SEG13, SAI1_SCK_A, CM4_EVENTOUT - - 48 E2 PB14 I/O FT_fl - TIM1_CH2N, I2C3_SDA, SPI2_MISO, TSC_G1_IO3, LCD_SEG14, SAI1_MCLK_A, CM4_EVENTOUT - - 49 F3 PB15 I/O FT_l - RTC_REFIN, TIM1_CH3N, SPI2_MOSI, TSC_G1_IO4, LCD_SEG15, SAI1_SD_A, CM4_EVENTOUT - -50 D2 PC6 I/O FT_l - TSC_G4_IO1, LCD_SEG24, CM4_EVENTOUT - - - E3 PC7 I/O FT_l - TSC_G4_IO2, LCD_SEG25, CM4_EVENTOUT - - - F4 PC8 I/O FT_l - TSC_G4_IO3, LCD_SEG26, CM4_EVENTOUT - - - B4 PC9 I/O FT_l - TIM1_BKIN, TSC_G4_IO4, USB_NOE, LCD_SEG27, SAI1_SCK_B, CM4_EVENTOUT - - - B2 VSS S - - - - 36 51 B5 PA10 I/O FT_fl - TIM1_CH3, SAI1_PDM_DI1, I2C1_SDA, USART1_RX, USB_CRS_SYNC, LCD_COM2, SAI1_SD_A, TIM17_BKIN, CM4_EVENTOUT - 37 52 A1 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS, USB_DM, CM4_EVENTOUT - Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |