| データシートサーチシステム |
|
STM32WB55CC データシート(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC データシート(HTML) 129 Page - STMicroelectronics |
|
129 / 165 page ![]() DS11929 Rev 3 129/165 STM32WB55xx Electrical characteristics 152 Table 74. Maximum ADC RAIN(1)(2) Resolution Sampling cycle at 64 MHz Sampling time [ns] at 64 MHz RAIN max (Ω) Fast channels(3) Slow channels(4) 12 bits 2.5 39.06 TBD TBD 6.5 101.56 TBD TBD 12.5 195.31 TBD TBD 24.5 382.81 TBD TBD 47.5 742.19 TBD TBD 92.5 1445.31 TBD TBD 247.5 3867.19 TBD TBD 640.5 10007.81 TBD TBD 10 bits 2.5 39.06 TBD TBD 6.5 101.56 TBD TBD 12.5 195.31 TBD TBD 24.5 382.81 TBD TBD 47.5 742.19 TBD TBD 92.5 1445.31 TBD TBD 247.5 3867.19 TBD TBD 640.5 10007.81 TBD TBD 8 bits 2.5 39.06 TBD TBD 6.5 101.56 TBD TBD 12.5 195.31 TBD TBD 24.5 382.81 TBD TBD 47.5 742.19 TBD TBD 92.5 1445.31 TBD TBD 247.5 3867.19 TBD TBD 640.5 10007.81 TBD TBD 6 bits 2.5 39.06 TBD TBD 6.5 101.56 TBD TBD 12.5 195.31 TBD TBD 24.5 382.81 TBD TBD 47.5 742.19 TBD TBD 92.5 1445.31 TBD TBD 247.5 3867.19 TBD TBD 640.5 10007.81 TBD TBD 1. Guaranteed by design. |