データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF7936AS データシート(PDF) 32 Page - NXP Semiconductors

部品番号 PCF7936AS
部品情報  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS データシート(HTML) 32 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors PCF7936AS Datasheet HTML 27Page - NXP Semiconductors PCF7936AS Datasheet HTML 28Page - NXP Semiconductors PCF7936AS Datasheet HTML 29Page - NXP Semiconductors PCF7936AS Datasheet HTML 30Page - NXP Semiconductors PCF7936AS Datasheet HTML 31Page - NXP Semiconductors PCF7936AS Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in the section 'Legal information'.
© NXP B.V. All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, email to: sales.addresses@www.nxp.com
14 LEGAL INFORMATION
14.1 Data sheet status
Document status
Product status
Definition
Objective [short] data sheet
Development
This document contains data from the objective specification or product development
Preliminary [short] data sheet
Qualification
This document contains data from the preliminary specification
Product [short] data sheet
Production
This document contains the product specification
14.2 Definitions
Draft
The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP
Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the
consequences of use of such information.
Short data sheet
A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and
should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via
the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
14.3 Disclaimers
General
Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or
implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information.
Right to make changes
NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product
descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof.
Suitability for use
NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in
applications where failure or malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or
environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and
therefore such inclusion and/or use is at the customer’s own risk.
Applications
Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that
such applications will be suitable for the specified use without further testing or modification.
Limiting values
Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting
values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not
implied. Exposure to limiting values for extended periods may affect device reliability.
Terms and conditions of sale
NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including
those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP
Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail.
No offer to sell or license
Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any
license under any copyrights, patents or other industrial or intellectual property rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32